Part Number Hot Search : 
31213 MOC3022M M8DKFL LSP10120 2SC111 296CG AN3971 HDU100
Product Description
Full Text Search
 

To Download 1N964B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NEW PRODUCT
NEW PRODUCT
NEW PRODUCT
1N957 THRU 1N978
ZENER DIODES
FEATURES
DO-35
Silicon Planar Power Zener Diodes Standard Zener voltage tolerance is 5% for "B" suffix. Other tolerances are available upon request.
max. .079 (2.0)
max. .150 (3.8)
min. 1.083 (27.5)
Cathode Mark
min. 1.083 (27.5)
max. .020 (0.52)
MECHANICAL DATA
Case: DO-35 Glass Case Weight: approx. 0.13 g
Dimensions are in inches and (millimeters)
MAXIMUM RATINGS
Ratings at 25C ambient temperature unless otherwise specified.
SYMBOL
VALUE
UNIT
Zener Current (see Table "Characteristics") Power Dissipation at TL = 75C Junction Temperature Storage Temperature Range
NOTES:
Ptot Tj TS
500(1) 175 - 65 to +175
mW C C
(1) TL is measured 3/8" from body.
SYMBOL
MIN.
TYP.
MAX.
UNIT
Thermal Resistance Junction to Ambient Air Forward Voltage at IF = 200 mA
NOTES:
RthJA
-
-
300(1)
C/W
VF
-
-
1.5
Volts
(1) Valid provided that leads at a distance of 3/8" from case are kept at ambient temperature.
1/6/98
1N957 THRU 1N978
ELECTRICAL CHARACTERISTICS
Ratings at 25C ambient temperature unless otherwise specified.
Type Number
Nominal Zener Voltage VZ(3) (Volts)
Test Current IZT (mA)
Maximum Zener Impedance(1) ZZT @ IZT () ZZK @ IZK () IZK (mA)
Maximum Regulator Current IZM(2) (mA)
Maximum Reverse Current IR Maximum (A) Test Voltage Vdc (Volts)
1N957B 1N958B 1N959B 1N960B 1N961B 1N962B 1N963B 1N964B 1N965B 1N966B 1N967B 1N968B 1N969B 1N970B 1N971B 1N972B 1N973B 1N974B 1N975B 1N976B 1N977B 1N978B
6.8 7.5 8.2 9.1 10 11 12 13 15 16 18 20 22 24 27 30 33 36 39 43 47 51
18.5 16.5 15 14 12.5 11.5 10.5 9.5 8.5 7.8 7 6.2 5.6 5.2 4.6 4.2 3.8 3.4 3.2 3 2.7 2.5
4.5 5.5 6.5 7.5 8.5 9.5 11.5 13 16 17 21 25 29 33 41 49 58 70 80 93 105 125
700 700 700 700 700 700 700 700 700 700 750 750 750 750 750 1000 1000 1000 1000 1500 1500 1500
1 0.5 0.5 0.5 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25
47 42 38 35 32 28 26 24 21 19 17 15 14 13 11 10 9.2 8.5 7.8 7 6.4 5.9
150 75 50 25 10 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5 5
5.2 5.7 6.2 6.9 7.6 8.4 9.1 9.9 11.4 12.2 13.7 15.2 16.7 18.2 20.6 22.8 25.1 27.4 29.7 32.7 35.8 38.8
NOTES: (1) The Zener Impedance is derived from the 1 KHZ AC voltage which results when an AC current having an RMS value equal to 10% of the Zener current (IZT) is superimposed on IZT. Zener Impedance is measured at two points to insure a sharp knee on the breakdown curve and to eliminate unstable units. (2) Valid provided that leads at a distance of 3/8" from case are kept at ambient temperature. (3) Measured with device junction in thermal equilibrium.


▲Up To Search▲   

 
Price & Availability of 1N964B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X